Part Number Hot Search : 
CHDTA N4001A RFP60P03 C3105 HMC508 LM399A 2SD21 HER205
Product Description
Full Text Search
 

To Download REC5-XX33SRWH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Regulated Converters

High 4kVDC & 6kVDC Isolation 5W DIP24 Industry Standard Package Feedback Regulated Output Continuous Short Circuit Protection Wide Inputs 2:1 & 4:1 Approved for Medical Applications UL and EN Safety Approvals 2 Pinout Options, 3 Case Styles Efficiency to 86 %
ECONOLINE
DC/DC-Converter
Description
This series offers standard isolation of 2kDC with 4kVDC or 6kVDC options making it ideal for both industrial, medical and other sophisticated high end applications. Packaging can be either DIP-24 non-conductive plastic or 5-side-shielded DIP24 metal case (= option "/M") as well as DIP24-SMD case (= option "/SMD"). For all the above variants, 2 industrystandard pinouts (= option "/A" or "/C") are available. "B" pinning is also available with "/H" isolation of 1.6kVDC. Remote on/off control is possible with the /CTRL option ("A" pinning only). The converters can deliver 140% rated power for short periods of time to cope with applications with large capacitive loads or high start up currents.
Selection Guide
Part Number DIP24 (SMD) REC5-xx3.3SRW/H* REC5-xx05SRW/H* REC5-xx09SRW/H* REC5-xx12SRW/H* REC5-xx15SRW/H* REC5-xx05DRW/H* REC5-xx09DRW/H* REC5-xx12DRW/H* REC5-xx15DRW/H* REC5-xx3.3SRWZ/H* REC5-xx05SRWZ /H* REC5-xx09SRWZ/H* REC5-xx12SRWZ /H* REC5-xx15SRWZ/H* REC5-xx05DRWZ/H* REC5-xx09DRWZ/H* REC5-xx12DRWZ /H* REC5-xx15DRWZ /H* Input Voltage (VDC) 9 - 18, 18 - 36, 36 - 72 9 - 18, 18 - 36, 36 - 72 4.5 - 9V 9 - 18, 18 - 36, 36 - 72 4.5 - 9V 9 - 18, 18 - 36, 36 - 72 4.5 - 9V 9 - 18, 18 - 36, 36 - 72 4.5 - 9V 9 - 18, 18 - 36, 36 - 72 4.5 - 9V 9 - 18, 18 - 36, 36 - 72 4.5 - 9V 9 - 18, 18 - 36, 36 - 72 4.5 - 9V 9 - 18, 18 - 36, 36 - 72 4.5 - 9V 9 - 36**, 18 - 72 9 - 36**, 18 - 72 9 - 36, 18 - 72 9 - 36, 18 - 72 9 - 36, 18 - 72 9 - 36**, 18 - 72 9 - 36, 18 - 72 9 - 36, 18 - 72 9 - 36, 18 - 72 Output Voltage (VDC) 3.3 5 9 12 15 5 9 12 15 3.3 5 9 12 15 5 9 12 15 Output Efficiency Max. Cap. Current Load (mA) (%) 1000 75-77 2200F 1000 79-81 1000F 72 556 82-83 470F 73 420 84-85 220F 74 340 85-86 120F 75 500 79-81 470F 72 278 82-84 220F 74 210 84-85 100F 75 170 85-86 68F 75 1000 1000 556 420 340 500 278 210 170 75-76 81-82 82-83 83-84 84-85 81-82 82-84 82-83 84-85 2200F 1000F 470F 220F 120F 470F 220F 100F 68F
5 Watt DIP24 & SMD Single & Dual Output
2002/95/EC 6/6
RoHS
E-224736 EN-60950-1 Certified UL-60950-1 Certified EN-60601-1 Certified
REC 5
Isolation Restrictions
`B" Pinning is restricted to 1.6kV isolation due to the closeness of the input and output pins. If the options "/M" for metal case and "/SMD" for SMD pinout are combined, the maximum allowed isolation voltage is 2kVDC because of the shorter distances between pins and the metal case. DIP-24 through-hole case and SMD-plastic case are not affected and offer the full isolation barriers of 2kV through to 6kVDC.
H* = H2, H4 or H6 for A or C pinning options with 2kVDC, 4kVDC or 6kVDC isolation. H* = H for B pinning option with 1.6kVDC isolation only.
2:1 Input (REC5-S/DRW) xx = 4.5-9Vin = 05 xx = 9-18Vin = 12 xx = 18-36Vin = 24 xx = 36-72Vin = 48
4:1 Input (REC5-S/DRWZ) xx = 9-36Vin = 24 xx = 18-72Vin = 48
** Derate to 900mA (450mA) max. at Vin=9V. www.recom-international.com
* add suffix "/A", "/B"or "/C" for pinning options, see next page and Isolation Restrictions. * add suffix "/M" for metal case. * add suffix "/SMD" for SMD package. * add suffix "/CTRL" for control pin option (A Pinning only) * add suffix -R for Tape and Reel packaging REV:0/2010
Refer to Application Notes E-107
ECONOLINE
DC/DC-Converter
Input Voltage Range Output Voltage Accuracy Line Regulation (HL-LL) Load Regulation (for output load current change from 20% to 100%) Output Ripple and Noise (0,1F capacitor on output, 20MHz BW) Operating Frequency at Full Load 2:1 input (at nominal input voltage) 4:1 input Input Filter Efficiency at Full Load No Load Power Consumption Isolation Voltage Rated Working Voltage Isolation Voltage Rated Working Voltage Isolation Voltage Rated Working Voltage Isolation Capacitance Isolation Resistance Short Circuit Protection (Max temp. = 50C during short circuit conditions) Operating Temperature (free air convection) Storage Temperature Range Relative Humidity Case Material Thermal Impedance Package Weight Packing Quantity MTBF (+25C) using MIL-HDBK 217F Detailed Information see (+75C) Application Notes chapter "MTBF" using MIL-HDBK 217F Certifications UL General Safety Report: E248550 Natural convection H2 types (see note) H4 types (see note) H6 types (see note) (tested for 1 second) (long term isolation) (tested for 1 second) (long term isolation) (tested for 1 second) (long term isolation)
REC5-S_DRW(Z) /H* Series
2:1 & 4:1 2% max. 0.3% max. 0.6% max. 50mVp-p max. 120kHz typ. 200kHz typ. Pi Network see above 300mW max. 2000VDC min. see Application Notes 4000VDC min. see Application Notes 6000VDC min. see Application Notes 60pF typ. 1 G min. Continuous, Auto Restart -55C to +125C 95% RH Non-Conductive Plastic or Metal 20C/W for plastic case 12C/W for metal case 13g 15 pcs per Tube 100 pcs per Reel Ordering Examples: REC5-0512DRW/H2/A/CTRL= 2:1 input, 5V Vin, 12V Vout, 2kVDC, pinout "A",plastic case, control pin REC5-4812SRWZ/H4/A/M = 4:1 input, 48V Vin, 12V Vout, 4kVDC, pinout "A",metal case, no control pin REC5-1212DRWZ/H/B = 4:1 input, 12V Vin, 12V Vout, 1.6kVDC, pinout "B",plastic case, no control pin REC5-0505SRW/H6/C/SMD = 2:1 input, 5V Vin, 5V Vout, 6kVDC, SMD pinout "C",plastic case, no control pin -40C to +75C (see Graph)
100 80
Specifications (measured at TA = 25C, nominal input voltage, full load and after warm-up)
Derating-Graph
(Ambient Temperature)
Output Power (%)
(3W) 60
(2W) 40 20 0
Safe Operating Area
-40
0
25
50
75
Operating Temperature C
105 95
125
REC 5
}
850 x 103hours 206 x 103hours UL 60950-1 1st Ed. C22.2 No. 60950-1-03 EN General Safety Report: LVD-2K05230 EN60950-1:2001 EN Medical Safety Report: ETS-060065 EN60601-1:1988 + A1: 1991 + A2: 1995
Typical Characteristics
12V Single 2:1
Efficiency / Load
100 80 60 40
24V Single 2:1
Efficiency / Load
100 80 60
1212
1209
2412
2405
1205
123.3 Efficiency %
40 20 0
243.3
Efficiency %
20 0
0% 20% 40% 60% Total Output current (%)
80%
100%
0% 20% 40% 60% Total Output current (%)
80%
100%
E-108
REV: 0/2010
www.recom-electronic.com
ECONOLINE
DC/DC-Converter
Typical Characteristics
REC5-S_DRW(Z) /H* Series
Dual 4:1
Efficiency / Load 4812
100 80 60
48V Single 2:1
Efficiency / Load
100 80 60 40
4805
1209
2415 4812 2405
483.3 Efficiency %
40 20 0
Efficiency %
20 0
1215
0% 20% 40% 60% Total Output current (%)
80%
100%
0% 20% 40% 60% Total Output current (%)
80%
100%
Package Style and Pinning (mm) DIP 24 , Wide Input 2:1 & 4:1
32.00 10.20 3.81 4.60 0.51 20.30
3rd angle projection
Pin Connections Pin # Single CTRL -Vin -Vin NC NC +Vout -Vout +Vin +Vin Dual CTRL -Vin -Vin Com -Vout +Vout Com +Vin +Vin
"A" Pinning /H2, /H4 & /H6
15.24
1 (option) 2 3 9 11 14 16 22 23
Recommended Footprint Details
1.00 o+0.15/0
23 Bottom View 23 22 16 14 Top View 9 11
2.54
NC = No Connection XX.X 0.5 mm XX.XX 0.25 mm
REC 5
2.54
CTRL Option
ON = Open or 0V< Vctrl <1.2V OFF = 2.2V< Vctrl <12V
Vin+ 0V
22,23 2,3
RECx-xxxx/CTRL
CTRL 1 1kW 1N4148
TTL Input
Off On
"C" Pinning /H2, /H4 & /H6
2.06
32.00 10.20 3.81 0.51
20.30 Pin Connections Pin # 1 15.24 2 10 11 12 13 15 23 24
15 13 Top View
Single +Vin +Vin NC NC -Vout +Vout NC -Vin -Vin
Dual +Vin +Vin Com Com NC -Vout +Vout -Vin -Vin
Recommended Footprint Details
1.00 o+0.15/0
12 Bottom View 24 23 10 11 12
2.54
NC = No Connection
2.54
XX.X 0.5 mm XX.XX 0.25 mm
www.recom-international.com
REV:0/2010
E-109
ECONOLINE
DC/DC-Converter
REC5-S_DRW(Z) /H* Series
3rd angle projection
32.00 10.20 3.81 20.30 Pin Connections Pin # 1 15.24 2 3 10 11 12 13 14 15
15 14 13 Top View
Package Style and Pinning (mm) DIP 24 , Wide Input 2:1 & 4:1
"B" Pinning /H (1.6kV Only)
2.06
Single +Vin No Pin No Pin -Vout +Vout -Vin -Vin +Vout -Vout No Pin No Pin +Vin
Dual +Vin -Vout Com Com +Vout -Vin -Vin +Vout Com Com -Vout +Vin
0.51
Recommended Footprint Details
1.00 o+0.15/0
123 Bottom View 24 23 22 10 11 12
2.54
22 23 24
2.54
NC = No Connection XX.X 0.5 mm XX.XX 0.25 mm
32.00
19.90
SMD Pinning
11.20
31.40 10.90 3.81 6.35 20.30 25.40
2.54
REC 5
Tol.: 0.35 mm Pin area 0.1 x 0.50
12345
Recommended Footprint Details
0.50
9 10 11 12
SMD pin connections follow standard package A (/A/SMD), B (/B/SMD) or C (/C/SMD) pinning.
2.03
2.54
1.54
All unused pins are NC (No Connection). See Below for detailed pinout lists
23.40
Bottom View
24 23 22 21 20 16 15 14 13
26.67 24.64
1
Top View
11 x 2.54
27.94
for all packages incl.SMD case the length of plastic case is 31,8 mm, length of metal case 32.0 mm
/A/SMD Pinning
Pin Connections Pin # 1 (Option) 2 3 4 5 9 10 11 12 Single CTRL -Vin -Vin NC NC NC NC NC NC Dual CTRL -Vin -Vin NC NC Com NC -Vout NC Pin Connections Pin # 13 14 15 16 20 21 22 23 24 Single NC +Vout NC -Vout NC NC +Vin +Vin NC Dual NC +Vout NC Com NC NC +Vin +Vin NC Pin Connections Pin # 1 2 3 4 5 9 10 11 12 Single +Vin NC NC NC NC NC -Vout +Vout -Vin Dual +Vin -Vout Com NC NC NC Com +Vout -Vin
/B/SMD Pinning
Pin Connections Pin # 13 14 15 16 20 21 22 23 24 Single -Vin +Vout -Vout NC NC NC NC NC +Vin Dual -Vin +Vout Com NC NC NC Com -Vout +Vin Pin Connections Pin # 1 2 3 4 5 9 10 11 12
/C/SMD Pinning
Pin Connections Dual +Vin +Vin NC NC NC NC Com Com NC Pin # 13 14 15 16 20 21 22 23 24 Single +Vout NC NC NC NC NC NC -Vin -Vin Dual -Vout NC +Vout NC NC NC NC -Vin -Vin
Single +Vin +Vin NC NC NC NC NC NC -Vout
E-110
REV: 0/2010
www.recom-electronic.com


▲Up To Search▲   

 
Price & Availability of REC5-XX33SRWH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X